Part Number Hot Search : 
PEF20571 BLD128DD N4099 B3234 08226 SM7644HX BA5968FP BA5968FP
Product Description
Full Text Search
 

To Download SD101B-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sd101a - sd101c schottky barrier diode features ? low forward voltage drop ? guard ring construction for transient protection ? low reverse recovery time ? low reverse capacitance ? lead free finish, rohs compliant (note 2) mechanical data ? case: do-35 ? case material: glass ? moisture sensitivity: level 1 per j-std-020c ? leads: solderable per mil-std-202, method 208 ? terminals: finish ? matte tin. solderable per mil-std-202, method 208 ? polarity: cathode band ? marking information: see page 2 ? ordering information: see page 2 ? weight: 0.13 grams (approximate) do-35 dim min max a 25.40 ? b ? 4.00 c ? 0.60 d ? 2.00 all dimensions in mm maximum ratings @t a = 25c unless otherwise specified characteristic symbol sd101a sd101b sd101c unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 60 50 40 v rms reverse voltage v r(rms) 42 35 28 v forward continuous current (note 1) i fm 15 ma non-repetitive peak forward surge current @ t 1.0s @ t = 10 s i fsm 50 2.0 ma a power dissipation (note 1) p d 400 mw thermal resistance, junction to ambient air (note 1) r ja 375 c/w operating and storage temperature range t j , t stg -65 to +175 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min max unit test condition maximum forward voltage drop sd101a sd101b sd101c sd101a sd101b sd101c v fm ? 0.41 0.40 0.39 1.00 0.95 0.90 v i f = 1.0ma i f = 1.0ma i f = 1.0ma i f = 15ma i f = 15ma i f = 15ma maximum peak reverse current sd101a sd101b sd101c i rm ? 200 na v r = 50v v r = 40v v r = 30v total capacitance sd101a sd101b sd101c c t ? 2.0 2.1 2.2 pf v r = 0v, f = 1.0mhz reverse recovery time t rr ? 1.0 ns i f = i r = 5.0ma, i rr = 0.1 x i r , r l = 100 notes: 1. valid provided that leads are kept at ambient temperature. 2. ec directive 2002/95/ec (rohs) revi sion 13.2.2003. glass and high temperature so lder exemptions applied where applicable, see eu directive annex notes 5 and 7. ds11008 rev. 13 - 2 1 of 2 www.diodes.com sd101a - sd101c ? diodes incorporated
ordering information (note 3) device packaging shipping sd101a-a do-35 10k/ammo pack sd101a-t do-35 10k/tape & reel, 13-inch SD101B-A do-35 10k/ammo pack sd101b-t do-35 10k/tape & reel, 13-inch sd101c-a do-35 10k/ammo pack sd101c-t do-35 10k/tape & reel, 13-inch notes: 3. for packaging details, go to our website at http://www.di odes.com/datas heets/ap02008.pdf. important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the ri ghts of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products are represented on our website, harmless against all damages. life support diodes incorporated products are not authoriz ed for use as critical components in life support devices or systems without the e xpressed written approval of the president of diodes incorporated. ds11008 rev. 13 - 2 2 of 2 www.diodes.com sd101a - sd101c ? diodes incorporated


▲Up To Search▲   

 
Price & Availability of SD101B-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X